Part Number Hot Search : 
G25PP ASI3003 C4080 13009K 81Z10 SM2001 Z5222 SP706RCN
Product Description
Full Text Search
 

To Download IRF730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF730
RoHS-compliant Product
Advanced Power Electronics Corp.
Ease of Paralleling Fast Switching Characteristic Simple Drive Requirement G
N-CHANNEL ENHANCEMENT MODE POWER MOSFET D
BVDSS RDS(ON) ID
400V 1 5.5A
S
Description
APEC MOSFET provide the power designer with the best combination of fast switching , lower on-resistance and reasonable cost. The TO-220 and package is universally preferred for all commercial-industrial applications. The device is suited for switch mode power supplies ,DC-AC converters and high current high speed switching circuits.
G
D
S
TO-220(P)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, V GS @ 10V Continuous Drain Current, V GS @ 10V Pulsed Drain Current
1
Rating 400 20 5.5 3.5 22 74 0.59
2
Units V V A A A W W/ mJ A
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Storage Temperature Range Operating Junction Temperature Range
152 5.5 -55 to 150 -55 to 150
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 1.7 62 Unit /W /W
200420071-1/4
Data & specifications subject to change without notice
IRF730
Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=125 C)
o o
o
Test Conditions VGS=0V, ID=1mA VGS=10V, ID=3.3A VDS=VGS, ID=250uA VDS=10V, ID=3.3A VDS=400V, VGS=0V VDS=320V, VGS=0V VGS=20V ID=3.5A VDS=320V VGS=10V VDD=200V ID=3.5A RG=12,VGS=10V RD=57 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Min. 400 2 -
Typ. 2.8 27 4 15 10 16 39 19 700 185 65 1.6
Max. Units 1 4 25 250 100 45 1120 2.4 V V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Gate-Source Leakage Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
3
Source-Drain Diode
Symbol VSD Parameter Forward On Voltage
3 3
Test Conditions Tj=25, IS=5.5A, VGS=0V IS=3.5A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 300 3.3
Max. Units 1.5 V ns uC
trr
Qrr Notes:
Reverse Recovery Time
Reverse Recovery Charge
1.Pulse width limited by Max. junction temperature.
o 2.Starting Tj=25 C , VDD=50V , L=10mH , RG=25
3.Pulse test
THIS PRODUCT IS ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION. THIS PRODUCT HAS BEEN QUALIFIED FOR USE IN CONSUMER APPLICATIONS. APPLICATIONS OR USE IN LIFE SUPPORT OR OTHER SIMILAR MISSION-CRITICAL DEVICES OR SYSTEMS ARE NOT AUTHORIZED. 2/4
IRF730
10
6
T C =25 C
8
o
10V 7.0V ID , Drain Current (A)
T C =150 o C
5
10V 7 .0V 6 .0V
ID , Drain Current (A)
4
6
6.0V
4
3
5 .0 V
2
V G = 4. 5 V
2
5.0V V G =4.5V
0 0 4 8 12 16
1
0
0
4
8
12
16
20
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1.2
3
I D =3.3A V G =10V Normalized BVDSS (V)
1.1
Normalized RDS(ON)
2
1
1
0.9
0.8 -50 0 50 100 150
0 -50 0 50 100 150
T j , Junction Temperature ( C)
o
T j , Junction Temperature ( o C )
Fig 3. Normalized BVDSS v.s. Junction Temperature
10 1.4
Fig 4. Normalized On-Resistance v.s. Junction Temperature
8
1.2
T j = 150 o C
6
T j = 25 o C
Normalized VGS(th) (V)
1
IS (A)
4
0.8
2
0.6
0
0 0.2 0.4 0.6 0.8 1 1.2 1.4
0.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3/4
IRF730
f=1.0MHz
12
I D =3.5A
10
VGS , Gate to Source Voltage (V)
8
V DS =80V V DS =200V V DS =320V C (pF)
1000
C iss
6
C oss
4
C rss
2
0 0 10 20 30 40
10
1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
10
0.2
ID (A)
100us
0.1
0.1
0.05
1
1ms T c =25 C Single Pulse
o
PDM
0.02 0.01
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
0.1 1 10 100
10ms 100m 1s DC
1000
Single Pulse
0.01 0.00001 0.0001 0.001 0.01 0.1 1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4/4


▲Up To Search▲   

 
Price & Availability of IRF730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X